PART |
Description |
Maker |
HY5DU56422DTP HY5DU56822DTP HY5DU56822DTP-J HY5DU5 |
256M DDR SDRAM (268,435,456-bit CMOS Double Data Rate(DDR) Synchronous DRAM) 32M X 8 DDR DRAM, 0.75 ns, PDSO66
|
Hynix Semiconductor Inc. Hynix Semiconductor, Inc.
|
ICS16859C ICSSSTV16859CG-T ICSSSTV16859CKLF |
SSTV SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, CQCC56 DDR 13-Bit to 26-Bit Registered Buffer
|
Integrated Circuit Systems
|
K4H560838F-TC/LA2 K4H560838F-TC/LB3 K4H561638F-TC/ |
256Mb F-die DDR SDRAM Specification 256Mb的的F - DDR SDRAM内存芯片规格 10-Bit, 38 kSPS ADC Serial Out, On-Chip System Clock, Single Ch. 8-PDIP 10-Bit, 38 kSPS ADC Serial Out, On-Chip System Clock, 11 Ch. 20-PLCC -40 to 125
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
UPD45D128442G5-C75-9LG UPD45D128164G5-C75-9LG UPD4 |
128M-bit(8M-word x 4-bit x 4-bank)DDR SDRAM 128M-bit(2M-word x 16-bit x 4-bank)DDR SDRAM 128M-bit(4M-word x 8-bit x 4-bank)DDR SDRAM
|
NEC
|
MC6822 MC6808 MC6829 MC6802 MC6800P MC68B00 MC68A0 |
8-BIT MICROPROCESSING UNIT (MPU) 8-BIT, 1 MHz, MICROPROCESSOR, CDIP40 8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
ST62E30BF1 ST6230BM1/XXX ST62P30BM3/XXX ST62P30BM6 |
MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|DIP|28PIN|CERAMIC MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|SOP|28PIN|PLASTIC IC, 60FBGA, 512MBIT DDR DRAM 60 PIN BGA 32MBX16 MICROCONTROLLER|8-BIT|ST6200 CPU|CMOS|DIP|28PIN|PLASTIC IC, MEM, SDRAM DDR166, 32 MEG X 16, 16 BIT, 6NS, 2.5V, FBGA60 单片机| 8位| ST6200的CPU |的CMOS |专科| 28脚|塑料
|
Black Box, Corp.
|
ADC1610S065HN ADC1610S080HN ADC1610S105HN ADC1610S |
Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs 1-CH 16-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PQCC40
|
NXP Semiconductors
|
IS24C02A-2GLI IS24C02A IS24C16A-3ZLA3 IS24C02A-2DL |
1K-BIT/2K-BIT/4K-BIT/8K-BIT/16K-BIT 2-WIRE SERIAL CMOS EEPROM
|
ISSI[Integrated Silicon Solution, Inc]
|
24C016 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
|
Integrated Silicon Solution Inc
|
SLGSSTVF16859V-TR SLGSSTVF16859 SLGSSTVF16859H SLG |
DDR 13 to 26 Bit Registered Buffer
|
List of Unclassifed Manufacturers ETC[ETC]
|
ASM4SSTVF16857-48TR ASM4SSTVF16857-48TT ASM4SSTVF1 |
2.3 V -2.7 V, DDR 14-bit registered buffer
|
Alliance Semiconductor
|